PART |
Description |
Maker |
U1ZB10 U1ZB100 U1ZB11 U1ZB110 U1ZB12 U1ZB13 U1ZB15 |
CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS 恒电压调节暂态抑制器 Zener Diode SILICON DIFFUSED TYPE CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
|
Toshiba, Corp. http:// Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
KDZ2.0EV KDZ3.0EV KDZ4.7EV KDZ6.8EV KDZ4.3EV KDZ5. |
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION/ REFERENCE VOLTAGE) ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE) surface mount silicon Zener diodes 硅表面贴装齐纳二极管 240 x 320 pixel format, White Edge LED backlight 稳压二极管外延硅平面二极管(恒压规例,参考电压) 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 40 个字x 1 线5 x 7 点阵字符和光
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings http://
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
FL7740-18 |
Constant-Voltage Primary-Side-Regulation PWM Controller
|
ON Semiconductor
|
KDZ2.0EV-24EV |
Silicon Epitaxial Planar Zenner Diode(Constant Voltage Regulation Application,Reference Voltage Application)(硅外延平面齐纳二极管(衡压稳压器应用,基准电压应)
|
KEC Holdings
|
02CZ2.0 02CZ2.0X 02CZ2.0Z 02CZ2.2 |
DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
|
Toshiba Semiconductor
|
FS70UM-06 |
Bench Power Supply; Output Voltage:13.8VDC; Output Current:4A; Output Power Max:185W; Number of Outputs:1; Calibrated:No; Line Regulation Constant Voltage:Less Than or Equal to 130 mV 高速开关使 1682A CALIBRATED BY NIOS Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors] MITSUBISHI[Mitsubishi Electric Semiconductor]
|
1ZC24A 1ZC43A 1ZC20A 1ZC33A 1ZC36A 1ZC12A1ZC120A E |
From old datasheet system CONSTANT VOLTAGE REGULATION TELEPHONE, PRINTER USES Card Edge Connector; Number of Contacts:36; Pitch Spacing:1mm; Tail Length:3.00mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes Card Edge Connector; Number of Contacts:64; Pitch Spacing:1mm; Tail Length:3.00mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes DIODE(CONSTANTVOLTAGEREGULATION) DIODE (CONSTANT VOLTAGE REGULATION) 二极管(恒压规管
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation ToshibaSemiconductor Toshiba, Corp.
|
LT1571 LT1571SERIES 1571F LT1571EGN-5TR LT1571EGN- |
Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2 A BATTERY CHARGE CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 From old datasheet system Constant-Current/Constant-Voltage Battery Chargers
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1511 LT1511CSW LT1511ISW 1511FB |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting Constant-Current/Constant-Voltage 3ABattery Charger with Input Current Limiting From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
ACE405412 ACE4054IMH ACE4054-12 |
Fully integrated constant current/constant voltage Li-ion battery charger
|
ACE Technology Co., LTD. ACE Technology Co., LTD...
|